Part Number Hot Search : 
SG2524D 1V221M B1184 1N4946 LMR12WD TES200 1N111 EDI8M
Product Description
Full Text Search
 

To Download EIA7785-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EIA7785-6 updated 11/30/2005 7.70-8. 50 ghz 6-watt internally matched power fet specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 1 of 1 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised november 2005 yyww .827.010 .421 .004 .669 .105.008 .168.010 all dimensions in inches .125 .508.008 .442 sn .004 .063 .024 .120 min excelics .120 min features ? 7.70? 8.50ghz bandwidth ? input/output impedance matched to 50 ohms ? +38.5 dbm output power at 1db compression ? 10 db power gain at 1db compression ? 36% power added efficiency ? hermetic metal flange package electrical characteristics (t a = 25 c) caution! esd sensitive device. symbol parameters/test conditions 1 min typ max units p 1db output power at 1db compression f = 7.70-8.50ghz v ds = 8 v, i dsq 2000ma 37.5 38.5 dbm g 1db gain at 1db compression f = 7.70-8.50ghz v ds = 8 v, i dsq 2000ma 9 10 db ? g gain flatness f = 7.70-8.50ghz v ds = 8 v, i dsq 2000ma 0.6 db pae power added efficiency at 1db compression v ds = 8 v, i dsq 2000ma f = 7.70-8.50ghz 36 % id 1db drain current at 1db compression f = 7.70-8.50ghz 2200 2500 ma i dss saturated drain current v ds = 3 v, v gs = 0 v 3900 4800 ma v p pinch-off voltage v ds = 3 v, i ds = 39ma -1.0 -2.5 v r th thermal resistance 3 4.0 4.5 o c/w note: 1) tested with 100 ohm gate resistor. 2) s.c.l. = single carrier level. 3) overall rth depends on case mounting. absolute maximum rating 1,2 symbols parameters absolute 1 continuous 2 vds drain-source voltage 12 8v vgs gate-source voltage -5 -3v ids drain current i dss 4.1a igsf forward gate current 61.2ma 20.4ma igsr reserve gate current -10.2ma -3.4ma pin input power 37.5dbm @ 3db compression tch channel temperature 175 o c 175 o c tstg storage temperature -65 to +175 o c -65 to +175 o c pt total power dissipation 33w 33w note: 1. exceeding any of the above ratings may result in permanent damage. 2. exceeding any of the above ratings may reduce mttf below design goals. EIA7785-6


▲Up To Search▲   

 
Price & Availability of EIA7785-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X